PART |
Description |
Maker |
HMT425S6AFR6A-RD HMT425S6AFR6A-H9 HMT425S6AFR6A-G7 |
DDR3L SDRAM Unbuffered SODIMMs Based on 4Gb A-die
|
Hynix Semiconductor
|
R11-0833 |
ADDR1600C4G11 DDR3L-1600(CL11) 240-Pin R-DIMM 4GB(512M x 72-bits)
|
A-Data Technology
|
CEM880PVG-CEL-2000E |
On-board 4 GB DDR3L and 1 DDR3L SO-DIMM up to 8 GB
|
Axiomtek Co., Ltd.
|
W3EG2256M72ASSR265JD3XG |
4GB - 2x256Mx72 DDR SDRAM REGISTERED ECC, w/PLL 4GB 2x256Mx72 ECC的DDR SDRAM的注册,瓦特/锁相
|
Bourns, Inc.
|
MB84VD22181EH-90-PBS MB84VD22182EH-90-PBS MB84VD22 |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA71 TRIMMER, 15 TURN 20K CONN HEADER 12POS DL PCB 30GOLD 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
TCKIV475DT |
4.7UF, 10%, 35V, TANTALUM CAP, TANT, 35V, 2917 CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT, 2916
|
Cal-Chip Electronics
|
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
MB84VD22281EA MB84VD22281EA-90-PBS MB84VD22281EE M |
32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM POT 2.0K OHM 1/4 SQ CERM SL MT 32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA71
|
Fujitsu Component Limited. Fujitsu Limited Fujitsu, Ltd.
|
M27C1024-10XF7 M27C1024-12XF7 M27C1024-15XF7 M27C1 |
1-Mbit (64Kb x16) UV EPROM, 100ns 1-Mbit (64Kb x16) UV EPROM, 120ns 1-Mbit (64Kb x16) UV EPROM, 150ns 1-Mbit (64Kb x16) UV EPROM, 200ns 1-Mbit (64Kb x16) UV EPROM, 35ns 1-Mbit (64Kb x16) UV EPROM, 45ns 1-Mbit (64Kb x16) UV EPROM, 55ns 1-Mbit (64Kb x16) UV EPROM, 70ns 1-Mbit (64Kb x16) UV EPROM, 80ns 1-Mbit (64Kb x16) UV EPROM, 90ns 1-Mbit (64Kb x16) OTP EPROM, 120ns 1-Mbit (64Kb x16) OTP EPROM, 70ns 1-Mbit (64Kb x16) OTP EPROM, 90ns 1-Mbit (64Kb x16) OTP EPROM, 55ns 1-Mbit (64Kb x16) OTP EPROM, 45ns 1-Mbit (64Kb x16) OTP EPROM, 35ns 1-Mbit (64Kb x16) OTP EPROM, 150ns 1-Mbit (64Kb x16) OTP EPROM, 100ns
|
SGS Thomson Microelectronics
|
|